|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
168 www.harwin.com www.harwin.com 168 all dimensions in mm. order c ode h 2174-01 h 2175-01 h 2173-01 h 2176-01 h 2170-01 a 4.32mm 4.90mm 8.13mm 9.53mm 13.21mm b 0.51mm 0.35mm 0.51mm 0.51mm 0.51mm pa nel thickness 1.6mm 1.6mm 1.6mm 1.6mm 1.6mm m ounting hole ? ?1.04-1.14mm ?1.04-1.14mm ?1.04-1.14mm ?1.04-1.14mm ?1.04-1.14mm o rder c ode h 2101a01 h 2105a01 h 2106a01 h 3108 -01 h 2101b01 h 210 5b01 a 6.53mm 4.11mm 4.11mm 5.70mm 8.39mm 6.30mm b 0.51mm 0.51mm 0.51mm 0.38mm ?0.93mm ?0.81mm pa nel thickness 1.6mm 1.6mm 2.4mm 1.0mm 1.6mm 1.6mm m ounting hole ? ?1.79-1.87mm ?1.33-1.41mm ?1.33-1.41mm ?0.50-0.55mm ?1.79-1.87mm ?1.33-1.41mm order c ode h 2157-01 h 3150-01 h 3151-01 h 2101-01 h 2105-01 a 11.40mm 7.00mm 5.59mm 8.23mm 5.05mm b 1.00mm 0.50mm 4.41mm 6.07mm 4.48mm c ?1.21mm ?0.97mm ?0.97mm ?0.91mm ?0.81mm d ?2.00mm ?1.59mm ?1.59mm ?2.39mm ?2.39mm pa nel thickness 1.6mm 1.6mm 1.6mm 1.6mm 1.6mm m ounting hole ? ?1.40-1.50mm ?0.99-1.04mm ?0.99-1.04mm ?1.79-1.87mm ?1.33-1.41mm material: brass with tin plating. for swaging tool change order code to prefx z and suffx 00 (example z2174-00). contact technical@harwin.com for alternative fnishes and custom designs. p c b terminals turned terminals a ?1.00 ?1.78 b a ?0.89 b ?2.39 ?0.81 b a ?2.39 a b ?0.50 ?1.00 a ?b ?2.39 0.51 ?d b a ?c ?d b a ?c a b ?c ?d a b ?c ?d pcb terminals
|
Price & Availability of H2105A01 |